Part Number Hot Search : 
HI117200 FDD6690A AD8129AR MX7506 ADXRS622 02M164VC L4148 00309
Product Description
Full Text Search
 

To Download BAT54CFILM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BAT54, A, C, S
SMALL SIGNAL SCHOTTKY DIODE
FEATURES AND BENEFITS
A
K1 A
VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES LOW FORWARD VOLTAGE DROP SURFACE MOUNT DEVICE
K Nc A
K1 K2
A
K
K2
BAT54 DESCRIPTION Schottky barrier diodes encapsulated in a SOT-23 small SMD packages. Double diodes with different pining are available.
K A1 A2 A2 A1
A1 K2
BAT54A
A2
K
K1 A2
A1 K2
K1
BAT54C SOT-23
BAT54S
ABSOLUTE RATINGS (limiting values) Symbol VRRM IF IFSM Ptot Tstg Tj TL Parameter Repetitive peak reverse voltage Continuous forward current Surge non repetitive forward current Power dissipation (note 1) Maximum storage temperature range Maximum operating junction temperature * Maximum temperature for soldering during 10s tp=10ms sinusoidal Tamb = 25C Value 30 0.3 1 250 - 65 to +150 150 260 Unit V A A mW C C C
Note 1: for double diodes, Ptot is the total dissipation of both diodes.
*:
dPtot 1 < thermal runaway condition for a diode on its own heatsink Rth(j-a) dTj
June 1999 - Ed: 3A
1/5
BAT54, A, C, S
THERMAL RESISTANCE Symbol Rth (j-a) Junction to ambient (*) Parameter Value 500 Unit C/W
(*) Mounted on epoxy board with recommended pad layout.
STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol VF * Parameters Forward voltage drop Tests conditions Tj = 25C IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA IR ** Reverse leakage current Tj = 25C Tj = 100C
Pulse test : * tp = 380 s, < 2% ** tp = 5 ms, < 2%
Min.
Typ.
Max. 240 320 400 500 900 1 100
Unit mV
VR = 30 V
A
DYNAMIC CHARACTERISTICS (Tj = 25 C) Symbol C trr Parameters Junction capacitance Reverse recovery time Tests conditions Tj = 25C IF = 10 mA Irr = 1 mA VR = 1 V F = 1 MHz Min. Typ. Max. 10 5 Unit pF ns
IR = 10 mA Tj = 25C RL = 100
Fig.1 : Average forward power dissipation versus average forward current.
PF(av)(W) 0.35 0.30 0.25 0.20 0.15 0.10 0.05 IF(av) (A) 0.00 0.00 0.05 0.10 0.15 0.20
=tp/T
tp T
Fig.2 : Average forward current versus ambient temperature ( = 1).
0.35 IF(av)(A)
= 0.1 = 0.05
= 0.2
= 0.5
0.30 0.25
=1
0.20 0.15 0.10 0.05
=tp/T
T
tp
Tamb(C) 50 75 100 125 150
0.25
0.30
0.00
0
25
2/5
BAT54, A, C, S
Fig.3 : Non repetitive surge peak forward current versus overload duration (maximum values). Fig.4 : Relative variation of thermal impedance junction to ambient versus pulse duration (alumine substrate 10mm x 8mm x 0.5mm).
Zth(j-a)/Rth(j-a) 1.00
= 0.5
IM(A) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 IM 0.2 0.1 0.0 1E-3
= 0.2
Ta=25C
= 0.1
Ta=50C
0.10
T
Single pulse
Ta=100C
t
=0.5
t(s) 1E-2 1E-1 1E+0
tp(s) 0.01 1E-3 1E-2 1E-1 1E+0
=tp/T
tp
1E+1
1E+2
Fig.5 : Reverse leakage current versus reverse voltage applied (typical values).
IR(A) 1E+2
Tj=100C
Fig.6 : Reverse leakage current versus junction temperature.
IR(A) 1E+4
VR=30V
1E+3 1E+2 1E+1
1E+1 1E+0 1E-1 1E-2
Tj=50C
1E+0
Tj=25C
1E-1
VR(V) 0 5 10 15 20 25 30
Tj(C) 1E-2 0 25 50 75 100 125 150
Fig.7 : Junction capacitance versus reverse voltage applied (typical values).
C(pF) 10
F=1MHz Tj=25C
Fig.8 : Forward voltage drop versus forward current (typical values).
IFM(A) 5E-1 1E-1
Tj=100C
5
1E-2
Tj=50C
2 VR(V) 1 1 2 5 10 20 30
Tj=25C
1E-3 VFM(V) 1E-4 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
3/5
BAT54, A, C, S
PACKAGE MECHANICAL DATA SOT-23
E A
DIMENSIONS REF.
e B e1 D
Millimeters Min. Max. 1.4 0.1 0.51 0.18 3.04 1.05 2.1 1.6 2.75 0.65 0.89 0 0.3 0.085 2.75 0.85 1.7 1.2 2.1 0.35
Inches Min. 0.035 0 0.012 0.003 0.108 0.033 0.067 0.047 0.083 0.014 Max. 0.055 0.004 0.02 0.007 0.12 0.041 0.083 0.063 0.108 0.026
A A1 B
S A1
c D e
L
e1 E H L S
c
H
0.6 typ.
0.024 typ.
Ordering type BAT54FILM BAT54AFILM BAT54CFILM BAT54SFILM
Marking D86 D84 D87 D88
Package SOT-23 SOT-23 SOT-23 SOT-23
Weight 0.01g 0.01g 0.01g 0.01g
Base qty 3000 3000 3000 3000
Delivery mode Tape & reel Tape & reel Tape & reel Tape & reel
Epoxy meets UL94,V0
4/5
BAT54, A, C, S
FOOTPRINT DIMENSIONS COMPATIBLE SOT-23 / SC-59 (in millimeters and inches)
0.9 0.035 0.9 0.035
OPTIMIZED SOT-23 FOOTPRINT DIMENSIONS (in millimeters and inches)
0.9 0.035
1.1 0.043
0.9 0.035
2.35 0.92
1.45 0.037
mm inch
2.35 0.92
1.9 0.075
2 0.079 1 0.040 mm inch
1.1 0.043
0.9 0.035
0.9 0.035
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5
1 0.040
1 0.040


▲Up To Search▲   

 
Price & Availability of BAT54CFILM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X